Part Number Hot Search : 
TA124E HCT138 MM3082K DS12R887 8S600A 2SK2595 68HC05 ATMEGA32
Product Description
Full Text Search
 

To Download LNM224KP01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Numeric Display
2 Digit 11.0 mm (.4") Series
Conventional Part No. Global Prat No. Lighting Color
Unit: mm
0 19.8 0.35 10.0 10
LN524RAMR ************ LNM224AP01 ********** LN524RKMR ************ LNM224KP01 ********** LN524GAMG *********** LNM324AP01 ********** LN524GKMG *********** LNM324KP01 ********** Terminal Connection
Red Red Green Green
Assignment Anode e Anode d Anode dp Anode b Anode a Anode g Anode f Common Cathode D2 Common CathodeD1 Anode c
1.0
17.0 11.0
8.5 1.5
2
Cathode d Cathode c Cathode dp Cathode b Cathode a Cathode g Cathode f Common Anode D2 Common Anode D1
10 9 8 a f e g D1 d b c dp D2
4 5 6 7 8 9 10
6.5 0.7
3
5.0
1.0 10 - 0.45 0.1 2.54 2.54 x 6 = 15.24
Lead wire dimension
1
2
3
4
5
6
7
s Absolute Maximum Ratings (Ta = 25C) Lighting Color Red Green PD(mW) 40 40 IF(mA) 15 15 IFP(mA) 80 80 VR(V) 5 5 Topr(C) -25 +80 -25 +80 Tstg(C) -30 +85 -30 +85
Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN524RAMR LN524RKMR LN524GAMG LN524GKMG Unit
10000 5000
L LN N52 52 4G 4G AM KM G G
Lighting Color Red Red Green Green -
Common Anode Cathode Anode Cathode -
IO / seg IO /d.p IF Typ Min Typ 5 450 200 150 5 450 200 150 10 1500 500 500 10 1500 500 500 cd cd cd mA
VF Typ Max 2.03 2.8 2.03 2.8 2.03 2.8 2.03 2.8 V V
P Typ 700 700 565 565 nm
Typ 100 100 30 30 nm
IF 10 10 10 10 mA
IR Max 10 10 10 10 A
1.0
Pin Assignment No. 1 Cathode e
6.0
5.0
2 - 1.4
VR 5 5 5 5 V
IO IF
100 50
IF VF
25
IF T a
20
Luminous Intensity
Forward Current
3000
30
Forward Current
15
1000 500 300
10 5 3
R AM R 24R M N5 24RK L5 LN
10
5
100 1
3
5
10
30
50
100
1
0 1.6 1.8 2.0 2.2 2.4
0
20
40
60
80
12.7
100
Forward Current
Forward Voltage
Ambient Temperature
303
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of LNM224KP01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X